PART |
Description |
Maker |
ZN1036D ZN1036E |
Programmable Counter Timer Integrated Circuit
|
Plessey Semiconductors
|
MN101C487 MN101C485 |
From old datasheet system Timer counter 2 : 8-bit X 1 (square-wave/8-bit PWM output, event count, synchronous output event) (MN101C485 / MN101C487) Timer counter 2 : 8-bit X 1
|
http:// Panasonic Semiconductor
|
AT91R40008 AT91FR40161 AT91FR40162 AT91FR4042 AT91 |
The AT91R40807 features 136K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91R40008 features 256K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-scan cells on digital p The AT91M40800 features 8K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91FR4042 features 256K bytes of on-chip SRAM, 512K bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sc The AT91FR40162 features 256K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sca The AT91FR40161 features 136 K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91x40 Series does not feature boundary-scan AT91 ARM Thumb Microcontrollers
|
ATMEL Corporation
|
TMPZ84C61AP-6 |
TLCS-Z80 CGC : Z80 CLOCK GENERATOR/CONTROLLER
|
TOSHIBA[Toshiba Semiconductor]
|
E0C623E |
CMOS 4-Bit Single Chip Microcomputer Composed of the 4-Bit Core CPU E0C6200A, ROM, RAM,LCD Driver, Time Base Counter, Stopwatch Timer, SVD Circuit
|
爱普生(中国)有限公
|
Z0803606 Z0803606CEA Z0803606CEB Z0803606DEF Z0803 |
Counter/Timer and Parallel I/O Unit
|
ZILOG[Zilog, Inc.]
|
CTS9513 CTS9513A CTS9513AJI-2 CTS9513API-2 |
5 Chan 16 bit 20MHz Counter/Timer
|
ETC
|
PCL-10168-1 PCL-10168-2 |
8-ch, 16-bit Counter/Timer Universal PCI Card
|
Advantech Co., Ltd.
|
BU45L272 BU45L274 BU45L432 BU45L434 BU46K232G-TL B |
Counter Timer Built-in CMOS Voltage Detector IC
|
Rohm
|
CAT93C4612 CAT93C4614 CAT93C4622 CAT93C4611 CAT93C |
1K 3.0-3.15V Supervisory circuit with microwire serial CMOS EEPROM, precision reset controller and watchdog timer 1K 4.25-4.5V Supervisory circuits with microwire serial CMOS EEPROM, precision reset controller and watchdog timer 1K 2.55-2.7V Supervisory circuit with microwire serial CMOS EEPROM, precision reset controller and watchdog timer 2K 4.25-4.5V Supervisory circuits with microwire serial CMOS EEPROM, precision reset controller and watchdog timer 2K 4.5-4.75V Supervisory circuits with microwire serial CMOS EEPROM, precision reset controller and watchdog timer 2K 3.0-3.15V Supervisory circuit with microwire serial CMOS EEPROM, precision reset controller and watchdog timer 16K 2.85-3.0V Supervisory circuit with microwire serial CMOS EEPROM, precision reset controller and watchdog timer 1K 2.85-3.0V Supervisory circuit with microwire serial CMOS EEPROM, precision reset controller and watchdog timer Supervisory Circuits with Microwire Serial CMOS E2PROM/ Precision Reset Controller and Watchdog Timer 64K 8K x 8 Battery-Voltage CMOS E2PROM 64K8K的8电池电压的CMOS E2PROM 2K 2.85-3.0V Supervisory circuit with microwire serial CMOS EEPROM, precision reset controller and watchdog timer 4K 2.85-3.0V Supervisory circuit with microwire serial CMOS EEPROM, precision reset controller and watchdog timer 2K 2.55-2.7V Supervisory circuit with microwire serial CMOS EEPROM, precision reset controller and watchdog timer 2K 4.25-4.5V Supervisory circuit with microwire serial CMOS EEPROM, precision reset controller and watchdog timer 1K 4.5-4.75V Supervisory circuits with microwire serial CMOS EEPROM, precision reset controller and watchdog timer 1K 4.25-4.5V Supervisory circuit with microwire serial CMOS EEPROM, precision reset controller and watchdog timer
|
Catalyst Semiconductor AverLogic Technologies, Corp.
|
BD45281 BD45282 BD45285 BD45231 BD45231G-TR BD4523 |
Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC) Counter Timer Built-in CMOS Voltage Detector IC Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
|
Rohm
|
|